Part Number Hot Search : 
SD400 UTC78M09 AN2335 6EL1SCM 80C32E 2C150 BA6897S 25ETS08S
Product Description
Full Text Search
 

To Download MABA-009005-CF1ATB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MABA-009005-CF1A40
1:1 Flux Coupled Balun Transformer 5 - 120 MHz Features
* * * * Surface Mount 1:1 Impedance 75 Ohm RoHS Compliant and lead free
M/A-COM Products Part Status: Released Rev V1 Schematic
Description
M/A-COM's MABA-009005-CF1A40 is a 1:1 RF flux coupled Transformer in a low cost surface mount package. Ideally suited for high volume CATV application.
Case Style SM-164A
Pin Configuration
Function Secondary (Output 1) Secondary Centre Tap Secondary Dot (Output 2) Primary (Ground) Primary Dot (Input) Pin Number 1 2 3 4 5
Ordering Information
Part Number MABA-009005-CF1A40 MABA-009005-CF1ATB Package 2000 pieces per reel Customer test board
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-009005-CF1A40
1:1 Flux Coupled Balun Transformer 5 - 120 MHz M/A-COM Products Part Status: Released Rev V1
Electrical Specifications: TA = 25C, 0dBm, Z0 = 75
Parameter Frequency Range Insertion Loss 1 (Pin 5 to Pin 1) Insertion Loss 2 (Pin 5 to Pin 3) Amplitude Un-Balance Phase Un-Balance Input Return Loss (Pin 5) Test Conditions 5 - 120 MHz 5 - 80 MHz 80 - 120 MHz 5 - 80 MHz 80 - 120 MHz 5 - 80 MHz 80 - 120 MHz 5 - 65 MHz 65 - 120 MHz 5 - 70 MHz 70 - 120 MHz Units Min. Typ. Max.
dB dB dB dB dB dB dB dB
- - - - - - - - 19 14
0.1 0.3 0.2 0.4 0.06 0.18 0.05 0.10 25 19
0.4 0.5 0.4 0.6 0.2 0.3 1.5 3.0 - -
Absolute Maximum Ratings
Recommended PCB Configuration
Parameter RF Power DC Current Operating Temperature Storage Temperature
Absolute Maximum 250mW 30mA -40C to +85C -40C to +85C
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-009005-CF1A40
1:1 Flux Coupled Balun Transformer 5 - 120 MHz Typical Performance: TA = 25C, 0dBm, Z0 = 75 Insertion Loss 1 (Pin 5 - Pin 1)
0.0 -0.1 -0.2 -0.3 -0.4
0.0 -0.1 -0.2 -0.3 -0.4
M/A-COM Products Part Status: Released Rev V1
Insertion Loss 2 (Pin 5 - Pin 3)
dB
-0.5 -0.6 -0.7 -0.8 -0.9 -1.0 5 24 43 62 82 101 120
dB
-0.5 -0.6 -0.7 -0.8 -0.9 -1.0 5 24 43 62 82 101 120
F re que nc y ( M H z)
F reque nc y ( M H z)
Amplitude Balance
1.0 0.8 0.6 0.4
Phase Balance
181.0 180.8 180.6 180.4
degree
0.2
180.2 180.0 179.8 179.6 179.4 179.2 179.0
dB
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 5 24 43 62 82 101 120
5
24
43
62
82
101
120
F re que nc y (M H z)
F re que ncy ( M H z)
0 -5 -10
Return Loss: Input (Pin 5)
dB
-15 -20 -25 -30 -35 5 24 43 62 82 101 120
F re que nc y ( M H z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MABA-009005-CF1ATB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X